Part Number Hot Search : 
KBP06 NE560 DT70V CMPZ4115 LPC768 75EUK2 MC6808 PL001
Product Description
Full Text Search
 

To Download 262XR501A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 262
(R)
Commercial Miniature 10mm Conductive Plastic Trimmer Potentiometers
Features
* Miniature size * Adjustment knob slotted for front or rear screwdriver adjustment * P.C. mounting with knob parallel or perpendicular to printed circuit board * Low cost * Low height profile * Wide resistance range * Reliable screened CTS composition element * RoHS Compliant
Electrical and Mechanical Specifications
Resistance Range Standard: 500 ohms through 2 megohms. Special: Please consult CTS. Resistance Tolerance Standard: 20% Special: Available 10%, 30% Power Rating, Watts 0.15 watts @ 40C derated to no load @ 100C. Voltage Rating Operating maximum -- 350 VDC. Load not to exceed wattage rating. Resistance Tapers Linear Adjustment Knob Color coded nylon knob with hex hole for top adjustment plus slot for either top or bottom screwdriver adjustment. Standard Color Chart
VALUE COLOR 500 1K 2.5K 5K Green Yellow Red Blue VALUE 10K 25K 50K 100K COLOR VALUE COLOR White 250K Violet Black 500K Brown Orange 1M Light Blue Gray 2M Pink
Angle of Rotation Total Rotation: 265 5 Effective Rotation: 260 (approximately) Rotational Torque .3 to 5 in-oz (21.6 to 360 gf-cm) Stop Strength 16 inch ounces (1.2 kgf-cm)
1-2 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
9/30/06
CTS Type U262
2.64 HEX. x 1.40 DP. .104 HEX. x .055 DP. 1.02 .040
1.40 DP SLOT REF.
2.79 .110
1.17 .046 0.30 .012 4.44 .175
O1.30-O1.40
.051-.055
(3) HLS
.055
5.54 .218
REF.
3.42 .135
9.35 .368
10.00 5.56
10.0 .394
.394
.219
9.4 .370
0.89 .035
5.4 .213
3.6 .142
2.50 .098 5.00 .197
O2.5 x 0.8 WIDTH THRU. SLOT .098 x .031
DIMENSION:
mm INCH
CTS Type X262
1.02 .040 1.40 DP SLOT .055
2.64 HEX x 1.40 DP. .104 HEX x .055 DP.
.165
4.2
4.7 .185 5.54 .218 3.42 .135 10.0 .394
9.35
.368 7.2 .283 O1.30-O1.40 (3) HLS .051-.055 2.50 .098 4.4 .173 2.50 .098 5.00 .197
2.5 .098 5.00 .197 9.4 .370
1.02 .040
TYP.
0.89 .035 2.8 .110 2.5 .098
O2.5 x 0.8 WIDTH THRU SLOT .098 x .031
DIMENSION:
mm INCH
Standard Stocked Series 262 Trimmers
Distributor Stock Values Resistance Value 20% 500 1K 2.5K 5K 10K 25K 50K 100K 250K 500K 1.0Meg Knob Color Green Yellow Red Blue White Black Orange Gray Violet Brown Light Blue Type and Part Number 262X 262XR501B 262XR102B 262XR252B 262XR502B 262XR103B 262XR253B 262XR503B 262XR104B 262XR254B 262XR504B 252XR105B 262U 262UR501B 262UR102B 262UR252B 262UR502B 262UR103B 262UR253B 262UR503B 262UR104B 262UR254B 262UR504B 262UR105B
CTS Series 262 trimmers are available off the shelf from Distributor Stock under the following part numbers.
Ordering Information
262
X
R
103
RESISTANCE CODE EXAMPLES CODE RESISTANCE 501 500 OHMS 102 1K 252 2.5K 502 5K 103 10K 253 25K 503 50K 104 100K
B
RESIST TOL A- 10% B- 20% C- 30%
MOUNTING STYLE X - VERTICAL MOUNT U - HORIZONTAL MOUNT KNOB TYPE TYPE ADJUSTMENT R - SCREWDRIVER SLOTTED, SMOOTH EDGE
2-2 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
9/30/06


▲Up To Search▲   

 
Price & Availability of 262XR501A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X